Part Number Hot Search : 
PAD50 TFH70F UDZ3V6B 27541 970512 C18F25 CS330 56F83
Product Description
Full Text Search
 

To Download K9K1G08U0M-YIB0 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  k9k1g08u0m-ycb0, K9K1G08U0M-YIB0 flash memory 1 document title 128m x 8 bit nand flash memory revision history the attached data sheets are prepared and approved by samsung electronics. samsung electronics co., ltd. reserve the right to change the specifications. samsung electronics will evaluate and reply to your requests and questions about device. if you have any questions, please contact the samsung branch office near your office. revision no 0.0 0.1 0.2 0.3 remark history 1. initial issue 1.[page 31] device code (76h) --> device code (79h) 1.powerup sequence is added : recovery time of minimum 1 m s is required before internal circuit gets ready for any command sequences 2. ac parameter tclr(cle to re delay, min 50ns) is added. 3. [page28] only address a 14 to a 25 is valid while a 9 to a 13 is ignored --> only address a 14 to a 26 is valid while a 9 to a 13 is ignored (page 30) a14 and a15 must be the same between source and target page --> a14 , a15 and a26 must be the same between source and target page v cc wp high ? ? 2.5v 2.5v we ? 1 m draft date apr. 7th 2001 jul. 3rd 2001 jul. 23th 2001 sep. 13th 2001 note : for more detailed features and specifications including faq, please refer to samsung?s flash web site. http://www.intl.samsungsemi.com/memory/flash/datasheets.html
k9k1g08u0m-ycb0, K9K1G08U0M-YIB0 flash memory 2 128m x 8 bit nand flash memory the k9k1g08u0m is a 128m(134,217,728)x8bit nand flash memory with a spare 4.096k(4,194,304)x8bit. its nand cell provides the most cost-effective solution for the solid state mass storage market. a program operation can be performed in typical 200 m s on the 528-byte page and an erase operation can be performed in typical 2ms on a 16k-byte block. data in the page can be read out at 50ns cycle time per byte. the i/o pins serve as the ports for address and data input/output as well as command inputs. the on-chip write controller auto- mates all program and erase functions including pulse repeti- tion, where required, and internal verification and margining of data. even the write-intensive systems can take advantage of the k9k1g08u0m?s extended reliability of 100k program/erase cycles by providing ecc(error correcting code) with real time mapping-out algorithm. the k9k1g08u0m-ycb0/yib0 is an optimum solution for large nonvolatile storage applications such as solid state file storage and other portable applications requir- ing non-volatility. general description features voltage supply : 2.7v~3.6v organization - memory cell array : (128m + 4,096k)bit x 8bit - data register : (512 + 16)bit x8bit multipled by eight planes automatic program and erase - page program : (512 + 16)byte - block erase : (16k + 512)byte 528-byte page read operation - random access : 12 m s(max.) - serial page access : 50ns(min.) fast write cycle time - program time : 200 m s(typ.) - block erase time : 2ms(typ.) command/address/data multiplexed i/o port hardware data protection - program/erase lockout during power transitions reliable cmos floating-gate technology - endurance : 100k program/erase cycles - data retention : 10 years command register operation intelligent copy-back operation package : - k9k1g08u0m-ycb0, K9K1G08U0M-YIB0 : 48 - pin tsop i (12 x 20 / 0.5 mm pitch) simultaneous four page/block program/erase pin configuration note : connect all v cc and v ss pins of each device to common power supply outputs. do not leave v cc or v ss disconnected. 48-pin tsop1 standard type 12mm x 20mm 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 n.c n.c n.c n.c n.c n.c r/ b re ce n.c n.c vcc vss n.c n.c cle ale we wp n.c n.c n.c n.c n.c n.c n.c n.c n.c i/o7 i/o6 i/o5 i/o4 n.c n.c n.c vcc vss n.c n.c n.c i/o3 i/o2 i/o1 i/o0 n.c n.c n.c n.c pin name pin function i/o 0 ~ i/o 7 data input/outputs cle command latch enable ale address latch enable ce chip enable re read enable we write enable wp write protect r/ b ready/busy output v cc power(+2.7v~3.6v) v ss ground n.c no connection pin description
k9k1g08u0m-ycb0, K9K1G08U0M-YIB0 flash memory 3 512b bytes 16 bytes figure 1. functional block diagram figure 2. array organization note : column address : starting address of the register. 00h command(read) : defines the starting address of the 1st half of the register. 01h command(read) : defines the starting address of the 2nd half of the register. * a 8 is set to "low" or "high" by the 00h or 01h command. * l must be set to "low". * the device ignores any additional input of address cycles than reguired. i/o 0 i/o 1 i/o 2 i/o 3 i/o 4 i/o 5 i/o 6 i/o 7 1st cycle a 0 a 1 a 2 a 3 a 4 a 5 a 6 a 7 2nd cycle a 9 a 10 a 11 a 12 a 13 a 14 a 15 a 16 3rd cycle a 17 a 18 a 19 a 20 a 21 a 22 a 23 a 24 4th cycle a 25 a 26 *l *l *l *l *l *l v cc x-buffers command i/o buffers & latches latches & decoders y-buffers latches & decoders register control logic & high voltage generator global buffers output driver v ss a 9 - a 26 a 0 - a 7 command ce re we cle wp i/0 0 i/0 7 v cc v ss a 8 1st half page register (=256 bytes) 2nd half page register (=256 bytes) 256k pages (=8,192 blocks) 512 bytes 8 bit 16 bytes 1 block = 32 pages (16k + 512) byte i/o 0 ~ i/o 7 1 page = 528 bytes 1 block = 528 b x 32 pages = (16k + 512) bytes 1 device = 528b x 32pages x 8,192 blocks = 1,056 mbits column address row address (page address) page register ale 1,024m + 32m bit nand flash array (512 + 16)byte x 262,144 y-gating page register & s/a
k9k1g08u0m-ycb0, K9K1G08U0M-YIB0 flash memory 4 product introduction the k9k1g08u0m is a 1,026mbit(1,107,296,436 bit) memory organized as 262,144 rows(pages) by 528 columns. spare sixteen col- umns are located from column address of 512 to 527. a 528-byte data register is connected to memory cell arrays accommodating data transfer between the i/o buffers and memory during page read and page program operations. the memory array is made up of 16 cells that are serially connected to form a nand structure. each of the 16 cells resides in a different page. a block consist s of the 32 pages formed by two nand structures, totaling 16,384 nand structures of 16 cells. the array organization is shown in figure 2 . the program and read operations are executed on a page basis, while the erase operation is executed on a block basis. the memory array consists of 8,192 separately erasable 16k-byte blocks. it indicates that the bit by bit erase operation is prohibited on t he k9k1g08u0m. the k9k1g08u0m has addresses multiplexed into 8 i/o's. this scheme dramatically reduces pin counts and allows systems upgrades to future densities by maintaining consistency in system board design. command, address and data are all written throug h i/o's by bringing we to low while ce is low. data is latched on the rising edge of we . command latch enable(cle) and address latch enable(ale) are used to multiplex command and address respectively, via the i/o pins. the 128m byte physical space requires 27 addresses, thereby requiring four cycles for byte-level addressing: column address, low row address and high row address, in that order. page read and page program need the same four address cycles following the required command input. in block erase operation, however, only the three row address cycles are used. device operations are selected by writing specific c om- mands into the command register. table 1 defines the specific commands of the k9k1g08u0m. the device provides simultaneous program/erase capability up to four pages/blocks. by dividing the memory array into eight 128mb it separate planes, simultaneous multi-plane operation dramatically increases program/erase performance by 4x while still maintaini ng the conventional 512 byte structure. the extended pass/fail status for multi-plane program/erase allows system software to quickly identify the failing page/block ou t of selected multiple pages/blocks. usage of multi-plane operations will be described further throughout this document. in addition to the enhanced architecture and interface, the device incorporates copy-back program feature from one page to anoth er of the same plane without the need for transporting the data to and from the external buffer memory. since the time-consuming bu rst- reading and data-input cycles are removed, system performance for solid-state disk application is significantly increased. table 1. command sets note : 1. the 00h command defines starting address of the 1st half of registers. the 01h command defines starting address of the 2nd half of registers. after data access on the 2nd half of register by the 01h command, the status pointer is automatically moved to the 1st half register(00h) on the next cycle. 2. page program(true) and copy-back program(true) are available on 1 plane operation. page program(dummy) and copy-back program(dummy) are available on the 2nd,3rd,4th plane of multi plane operation . 3. the 71h command should be used for read status of multi plane operation. function 1st. cycle 2nd. cycle 3rd. cycle acceptable command during busy read 1 00h/01h (1) - - read 2 50h - - read id 90h - - reset ffh - - o page program (true) (2) 80h 10h - page program (dummy) (2) 80h 11h - copy-back program(true) (2) 00h 8ah 10h copy-back program(dummy) (2) 03h 8ah 11h block erase 60h d0h - multi-plane block erase 60h----60h d0h - read status 70h - - o read multi-plane status 71h (3) - - o caution : any undefined command inputs are prohibited except for above command set of table 1.
k9k1g08u0m-ycb0, K9K1G08U0M-YIB0 flash memory 5 the device is arranged in eight 128mbit memory planes. each plane contains 1,024 blocks and 528 byte page registers. this allows it to perform simultaneous page program and block erase by selecting one page or block from each plane. the block address map is configured so that multi-plane program/erase operations can be executed for every four sequential blocks by dividing the memory array into plane 0~3 or plane 4~7 separately. for example, multi-plane program/erase operations into plane 2,3,4 and 5 are prohi b- ited. plane 0 plane 1 plane 2 plane 3 (1024 block) (1024 block) (1024 block) (1024 block) page 0 page 1 page 31 page 30 memory map block 0 page 0 page 1 page 31 page 30 block 1 page 0 page 1 page 31 page 30 block 2 page 0 page 1 page 31 page 30 block 3 page 0 page 1 page 31 page 30 block 4092 page 0 page 1 page 31 page 30 block 4093 page 0 page 1 page 31 page 30 block 4094 page 0 page 1 page 31 page 30 block 4095 page 0 page 1 page 31 page 30 block 4096 page 0 page 1 page 31 page 30 block 4097 page 0 page 1 page 31 page 30 block 4098 page 0 page 1 page 31 page 30 block 4099 page 0 page 1 page 31 page 30 block 8188 page 0 page 1 page 31 page 30 block 8189 page 0 page 1 page 31 page 30 block 8190 page 0 page 1 page 31 page 30 block 8191 528byte page registers figure 3. memory array map 528byte page registers 528byte page registers 528byte page registers 528byte page registers 528byte page registers 528byte page registers 528byte page registers plane 4 plane 5 plane 6 plane 7 (1024 block) (1024 block) (1024 block) (1024 block)
k9k1g08u0m-ycb0, K9K1G08U0M-YIB0 flash memory 6 pin description command latch enable(cle) the cle input controls the path activation for commands sent to the command register. when active high, commands are latched into the command register through the i/o ports on the rising edge of the we signal. address latch enable(ale) the ale input controls the activating path for address to the internal address registers. addresses are latched on the rising ed ge of we with ale high. chip enable( ce ) the ce input is the device selection control. when ce goes high during a read operation the device is returned to standby mode. however, when the device is in the busy state during program or erase, ce high is ignored, and does not return the device to standby mode. write enable( we ) the we input controls writes to the i/o port. commands, address and data are latched on the rising edge of the we pulse. the we must be held high when outputs are activated. read enable( re ) the re input is the serial data-out control, and when active drives the data onto the i/o bus. data is valid t rea after the falling edge of re which also increments the internal column address counter by one. i/o port : i/o 0 ~ i/o 7 the i/o pins are used to input command, address and data, and to output data during read operations. the i/o pins float to high- z when the chip is deselected or when the outputs are disabled. write protect( wp ) the wp pin provides inadvertent write/erase protection during power transitions. the internal high voltage generator is reset when the wp pin is active low. ready/ busy (r/ b ) the r/ b output indicates the status of the device operation. when low, it indicates that a program, erase or random read operation is in process and returns to high state upon completion. it is an open drain output and does not float to high-z condition when the chip is deselected or when outputs are disabled.
k9k1g08u0m-ycb0, K9K1G08U0M-YIB0 flash memory 7 dc and operating characteristics (recommended operating conditions otherwise noted.) parameter symbol test conditions min typ max unit operating current sequential read i cc 1 trc=50ns, ce =v il , i out =0ma - 10 30 ma program i cc 2 - - 10 30 erase i cc 3 - - 10 30 stand-by current(ttl) i sb 1 ce =v ih , wp = 0v/v cc - - 1 stand-by current(cmos) i sb 2 ce =v cc -0.2, wp = 0v/v cc - 10 50 m a input leakage current i li v in =0 to 3.6v - - 10 output leakage current i lo v out =0 to 3.6v - - 10 input high voltage v ih - 2.0 - v cc +0.3 v input low voltage, all inputs v il - -0.3 - 0.8 output high voltage level v oh i oh =-400 m a 2.4 - - output low voltage level v ol i ol =2.1ma - - 0.4 output low current(r/ b ) i ol (r/ b ) v ol =0.4v 8 10 - ma recommended operating conditions (voltage reference to gnd, k9k1g08u0m-ycb0 : t a =0 to 70 c, K9K1G08U0M-YIB0 : t a =-40 to 85 c) parameter symbol min typ. max unit supply voltage v cc 2.7 3.3 3.6 v supply voltage v ss 0 0 0 v absolute maximum ratings note : 1. minimum dc voltage is -0.6v on input/output pins. during transitions, this level may undershoot to -2.0v for periods <30ns. maximum dc voltage on input/output pins is v cc, +0.3v which, during transitions, may overshoot to v cc +2.0v for periods <20ns. 2. permanent device damage may occur if absolute maximum ratings are exceeded. functional operation should be restricted to the conditions as detailed in the operational sections of this data sheet. exposure to absolute maximum rating conditions for extended perio ds may affect reliability. parameter symbol rating unit voltage on any pin relative to v ss v in -0.6 to + 4.6 v v cc -0.6 to + 4.6 temperature under bias k9k1g08u0m-ycb0 t bias -10 to +125 c K9K1G08U0M-YIB0 -40 to +125 storage temperature t stg -65 to +150 c
k9k1g08u0m-ycb0, K9K1G08U0M-YIB0 flash memory 8 valid block note : 1. the k9k1g08u0m may include invalid blocks when first shipped. additional invalid blocks may develop while being used. the number of valid blocks is presented with both cases of invalid blocks considered. invalid blocks are defined as blocks that contain one or more bad bits . do not erase or program factory-marked bad blocks. refer to the attached technical notes for an appropriate management of invalid blocks. 2. the 1st block, which is placed on 00h block address, is fully guaranteed to be a valid block, does not require error correct ion. parameter symbol min typ. max unit valid block number n vb 8,052 - 8,192 blocks program / erase characteristics parameter symbol min typ max unit program time t prog - 200 500 m s dummy busy time for multi plane program t dbsy 1 10 m s number of partial program cycles in the same page main array nop - - 1 cycle spare array - - 2 cycles block erase time t bers - 2 3 ms capacitance ( t a =25 c, v cc =3.3v, f=1.0mhz) note : capacitance is periodically sampled and not 100% tested. item symbol test condition min max unit input/output capacitance c i/o v il =0v - 20 pf input capacitance c in v in =0v - 20 pf ac test condition (k9k1g08u0m-ycb0 :ta=0 to 70 c, K9K1G08U0M-YIB0:ta=-40 to 85 c, vcc=2.7v~3.6v unless otherwise) parameter value input pulse levels 0.4v to 2.4v input rise and fall times 5ns input and output timing levels 1.5v output load (3.0v +/-10%) 1 ttl gate and cl=50pf output load (3.3v +/-10%) 1 ttl gate and cl=100pf mode selection note : 1. x can be v il or v ih. 2. wp should be biased to cmos high or cmos low for standby. cle ale ce we re wp mode h l l h x read mode command input l h l h x address input(4clock) h l l h h write mode command input l h l h h address input(4clock) l l l h h data input l l l h x sequential read & data output l l l h h x during read(busy) x x x x x h during program(busy) x x x x x h during erase(busy) x x (1) x x x l write protect x x h x x 0v/v cc (2) stand-by
k9k1g08u0m-ycb0, K9K1G08U0M-YIB0 flash memory 9 ac characteristics for operation note : 1. the time to ready depends on the value of the pull-up resistor tied r/ b pin. 2. to break the sequential read cycle, ce must be held high for longer time than tceh. 3. if reset command(ffh) is written at ready state, the device goes into busy for maximum 5us. parameter symbol min max unit data transfer from cell to register t r - 12 m s ale to re delay( id read ) t ar1 10 - ns ale to re delay(read cycle) t ar2 50 - ns cle to re delay t clr 50 - ns ready to re low t rr 20 - ns re pulse width t rp 30 - ns we high to busy t wb - 100 ns read cycle time t rc 50 - ns re access time t rea - 35 ns re high to output hi-z t rhz 15 30 ns ce high to output hi-z t chz - 20 ns re high hold time t reh 15 - ns output hi-z to re low t ir 0 - ns last re high to busy(at sequential read) t rb - 100 ns ce high to ready(in case of interception by ce at read) t cry - 50 +tr(r/ b ) (1) ns ce access time t cea - 45 ns ce high hold time(at the last serial read) (2) t ceh 100 - ns we high to re low t whr 60 - ns device resetting time(read/program/erase) t rst - 5/10/500 (3) m s ac timing characteristics for command / address / data input note : 1. if tcs is set less than 10ns, twp must be minimum 35ns, otherwise, twp may be minimum 25ns. parameter symbol min max unit cle setup time t cls 0 - ns cle hold time t clh 10 - ns ce setup time t cs 0 - ns ce hold time t ch 10 - ns we pulse width t wp 25 (1) - ns ale setup time t als 0 - ns ale hold time t alh 10 - ns data setup time t ds 20 - ns data hold time t dh 10 - ns write cycle time t wc 50 - ns we high hold time t wh 15 - ns
k9k1g08u0m-ycb0, K9K1G08U0M-YIB0 flash memory 10 nand flash technical notes identifying invalid block(s) invalid block(s) invalid blocks are defined as blocks that contain one or more invalid bits whose reliability is not guaranteed by samsung. the i nfor- mation regarding the invalid block(s) is so called as the invalid block information. devices with invalid block(s) have the same quality level or as devices with all valid blocks and have the same ac and dc characteristics. an invalid block(s) does not affect the perfor- mance of valid block(s) because it is isolated from the bit line and the common source line by a select transistor. the system d esign must be able to mask out the invalid block(s) via address mapping. the 1st block of the nand flash, however, is fully guaranteed to be a valid block. the 1st block, which is placed on 00h block address, is fully guaranteed to be a valid block, does not require error correction. all device locations are erased(ffh) except locations where the invalid block(s) information is written prior to shipping. the i nvalid block(s) status is defined by the 6th byte in the spare area. samsung makes sure that either the 1st or 2nd page of every invali d block has non-ffh data at the column address of 517. since the invalid block information is also erasable in most cases, it is i mpos- sible to recover the information once it has been erased. therefore, the system must be able to recognize the invalid block(s) b ased on the original invalid block information and create the invalid block table via the following suggested flow chart(figure 4). a ny inten- tional erasure of the original invalid block information is prohibited. * check "ffh" at the column address 517 figure 4. flow chart to create invalid block table. start set block address = 0 check "ffh" ? increment block address last block ? end no yes yes create (or update) no invalid block(s) table of the 1st and 2nd page in the block
k9k1g08u0m-ycb0, K9K1G08U0M-YIB0 flash memory 11 nand flash technical notes (continued) program flow chart start i/o 6 = 1 ? write 00h i/o 0 = 0 ? no * if ecc is used, this verification write 80h write address write data write 10h read status register write address wait for tr time verify data no program completed or r/b = 1 ? program error yes no yes * program error yes : if program operation results in an error, map out the block including the page in error and copy the target data to another block. * operation is not needed. error in write or read operation within its life time, additional invalid blocks may develop with nand flash memory. refer to the qualification report for the ac tual data.the following possible failure modes should be considered to implement a highly reliable system. in the case of status read fail- ure after erase or program, block replacement should be done. because program status fail during a page program does not affect the data of the other pages in the same block, block replacement can be executed with a page-sized buffer by finding an erased empty block and reprogramming the current target data and copying the rest of the replaced block. to improve the efficiency of m em- ory space, it is recommended that the read or verification failure due to single bit error be reclaimed by ecc without any block replacement. the said additional block failure rate does not include those reclaimed blocks. failure mode detection and countermeasure sequence write erase failure status read after erase --> block replacement program failure status read after program --> block replacement read back ( verify after program) --> block replacement or ecc correction read single bit failure verify ecc -> ecc correction ecc : error correcting code --> hamming code etc. example) 1bit correction & 2bit detection
k9k1g08u0m-ycb0, K9K1G08U0M-YIB0 flash memory 12 erase flow chart start i/o 6 = 1 ? i/o 0 = 0 ? no * write 60h write block address write d0h read status register or r/b = 1 ? erase error yes no : if erase operation results in an error, map out the failing block and replace it with another block. * erase completed yes read flow chart start verify ecc no write 00h write address read data ecc generation reclaim the error page read completed yes nand flash technical notes (continued) block replacement * step1 when an error happens in the nth page of the block ?a? during erase or program operation. * step2 copy the nth page data of the block ?a? in the buffer memory to the nth page of another free block. (block ?b?) * step3 then, copy the data in the 1st ~ (n-1)th page to the same location of the block ?b?. * step4 do not erase or program to block ?a? by creating an ?invalid block? table or other appropriate scheme. buffer memory of the controller. 1st block a block b (n-1)th nth (page) 1 2 { ~ 1st (n-1)th nth (page) { ~ an error occurs.
k9k1g08u0m-ycb0, K9K1G08U0M-YIB0 flash memory 13 samsung nand flash has three address pointer commands as a substitute for the two most significant column addresses. ?00h? command sets the pointer to ?a? area(0~255byte), ?01h? command sets the pointer to ?b? area(256~511byte), and ?50h? command sets the pointer to ?c? area(512~527byte). with these commands, the starting column address can be set to any of a whole page(0~527byte). ?00h? or ?50h? is sustained until another address pointer command is inputted. ?01h? command, however, is effec - tive only for one operation. after any operation of read, program, erase, reset, power_up is executed once with ?01h? command, the address pointer returns to ?a? area by itself. to program data starting from ?a? or ?c? area, ?00h? or ?50h? command must be input- ted before ?80h? command is written. a complete read operation prior to ?80h? command is not necessary. to program data starting from ?b? area, ?01h? command must be inputted right before ?80h? command is written. 00h (1) command input sequence for programming ?a? area address / data input 80h 10h 00h 80h 10h address / data input the address pointer is set to ?a? area(0~255), and sustained 01h (2) command input sequence for programming ?b? area address / data input 80h 10h 01h 80h 10h address / data input ?b?, ?c? area can be programmed. it depends on how many data are inputted. ?01h? command must be rewritten before every program operation the address pointer is set to ?b? area(256~512), and will be reset to ?a? area after every program operation is executed. 50h (3) command input sequence for programming ?c? area address / data input 80h 10h 50h 80h 10h address / data input only ?c? area can be programmed. ?50h? command can be omitted. the address pointer is set to ?c? area(512~527), and sustained ?00h? command can be omitted. it depends on how many data are inputted. ?a?,?b?,?c? area can be programmed. pointer operation of k9k1g08u0m table 2. destination of the pointer command pointer position area 00h 01h 50h 0 ~ 255 byte 256 ~ 511 byte 512 ~ 527 byte 1st half array(a) 2nd half array(b) spare array(c) "a" area 256 byte (00h plane) "b" area (01h plane) "c" area (50h plane) 256 byte 16 byte "a" "b" "c" internal page register pointer select commnad (00h, 01h, 50h) pointer figure 5 block diagram of pointer operation
k9k1g08u0m-ycb0, K9K1G08U0M-YIB0 flash memory 14 system interface using ce don?t-care. ce we t wp t ch t cs start add.(4cycle) 80h data input ce cle ale we i/o 0 ~ 7 data input ce don?t-care ? ? 10h for an easier system interface, ce may be inactive during the data-loading or sequential data-reading as shown below. the internal 528byte page registers are utilized as separate buffers for this operation and the system design gets more flexible. in addition , for voice or audio applications which use slow cycle time on the order of u-seconds, de-activating ce during the data-loading and read- ing would provide significant savings in power consumption. start add.(4cycle) 00h ce cle ale we i/o 0 ~ 7 data output(sequential) ce don?t-care ? r/ b t r re t cea out t rea ce re i/o 0 ~ 7 figure 6. program operation with ce don?t-care. figure 7. read operation with ce don?t-care. must be held low during tr.
k9k1g08u0m-ycb0, K9K1G08U0M-YIB0 flash memory 15 * command latch cycle ce we cle ale i/o 0 ~ 7 command * address latch cycle t cls t cs t clh t ch t wp t als t alh t ds t dh ce we cle ale i/o 0 ~ 7 a 0 ~a 7 t cls t cs t wc t wp t als t ds t dh t alh t als t wh a 9 ~a 16 t wc t wp t ds t dh t alh t als t wh a 17 ~a 24 t wc t wp t ds t dh t alh t als t wh t alh a 25,, a 26 t ds t dh t wp
k9k1g08u0m-ycb0, K9K1G08U0M-YIB0 flash memory 16 * input data latch cycle ce cle we i/o 0 ~ 7 din 0 din 1 din 511 ale t als t clh t wc t ch t ds t dh t ds t dh t ds t dh t wp t wh t wp t wp * s erial access out cycle after read (cle=l, we =h, ale=l) re ce r/ b i/o 0 ~ 7 dout dout dout t rc t rea t rr t rhz* t rea t reh t rea t chz* t rhz* ? ? ? ? ? ? ? notes : transition is measured 200mv from steady state voltage with load. this parameter is sampled and not 100% tested.
k9k1g08u0m-ycb0, K9K1G08U0M-YIB0 flash memory 17 read1 operation (read one page) ce cle r/ b i/o 0 ~ 7 we ale re busy 00h or 01h a 0 ~ a 7 a 9 ~ a 16 a 17 ~ a 24 dout n dout n+1 dout n+2 column address page(row) address t wb t ar2 t r t rc t rhz t rr t chz dout 527 t rb t cry t wc ? ? ? a 25, a 26 * status read cycle ce we cle re i/o 0 ~ 7 70h status output t clr t clh t cs t wp t ch t ds t dh t rea t ir t rhz* t chz* t whr t cea t cls t ceh
k9k1g08u0m-ycb0, K9K1G08U0M-YIB0 flash memory 18 read1 operation (intercepted by ce ) ce cle r/ b i/o 0 ~ 7 we ale re busy 00h or 01h a 0 ~ a 7 a 9 ~ a 16 a 17 ~ a 24 dout n dout n+1 dout n+2 page(row) address address column t wb t ar2 t chz t r t rr t rc read2 operation (read one page) ce cle r/ b i/o 0 ~ 7 we ale re 50h a 0 ~ a 7 a 9 ~ a 16 a 17 ~ a 24 dout dout 527 m address 511+m t ar2 t r t wb t rr a 0 ~a 3 : valid address a 4 ~a 7 : don t care ? ? a 25, a 26 a 25, a 26 selected row start address m 512 16
k9k1g08u0m-ycb0, K9K1G08U0M-YIB0 flash memory 19 page program operation ce cle r/ b i/o 0 ~ 7 we ale re 80h 70h i/o 0 din n din 10h 527 a 0 ~ a 7 a 17 ~ a 24 a 9 ~ a 16 sequential data input command column address page(row) address 1 up to 528 byte data serial input program command read status command i/o 0 =0 successful program i/o 0 =1 error in program t prog t wb t wc t wc t wc sequential row read operation ( within a block ) ce cle r/ b i/o 0 ~ 7 we ale re 00h a 0 ~ a 7 busy m output a 9 ~ a 16 a 17 ~ a 24 dout n dout n+1 dout 527 dout 0 dout 1 dout 527 busy m+1 output n ready ? ? ? ? ? ? a 25, a 26 ? ? ? a 25, a 26 ?
k9k1g08u0m-ycb0, K9K1G08U0M-YIB0 flash memory 20 block erase operation (erase one block) ce cle r/ b i/o 0 ~ 7 we ale re 60h a 17 ~ a 24 a 9 ~ a 16 auto block erase setup command erase command read status command i/o 0 =1 error in erase doh 70h i/o 0 busy t wb t bers i/o 0 =0 successful erase page(row) address t wc ? a 25, a 26
k9k1g08u0m-ycb0, K9K1G08U0M-YIB0 flash memory 21 m u l t i - p l a n e p a g e p r o g r a m o p e r a t i o n c e c l e r / b i / o 0 ~ 7 w e a l e r e 8 0 h d i n n d i n 1 1 h 5 2 7 a 0 ~ a 7 a 1 7 ~ a 2 4 a 9 ~ a 1 6 s e q u e n t i a l d a t a i n p u t c o m m a n d c o l u m n a d d r e s s p a g e ( r o w ) a d d r e s s 1 u p t o 5 2 8 b y t e d a t a s e r i a l i n p u t p r o g r a m m a x . t h r e e t i m e s r e p e a t a b l e t d b s y t w b t w c ? ? ? a 2 5 ? c o m m a n d l a s t p l a n e i n p u t & p r o g r a m t d b s y : t y p . 1 u s m a x . 1 0 u s ( d u m m y ) d i n n d i n 1 0 h 5 2 7 a 0 ~ a 7 a 1 7 ~ a 2 4 a 9 ~ a 1 6 t p r o g t w b ? ? ? a 2 5 , a 2 6 ? i / o 8 0 h a 0 ~ a 7 & a 9 ~ a 2 6 i / o 0 ~ 7 r / b 5 2 8 b y t e d a t a a d d r e s s & d a t a i n p u t 1 1 h 8 0 h a d d r e s s & d a t a i n p u t 1 1 h 8 0 h a d d r e s s & d a t a i n p u t 1 1 h 8 0 h a d d r e s s & d a t a i n p u t 1 0 h e x . ) f o u r - p l a n e p a g e p r o g r a m i n t o p l a n e 0 ~ 3 o r p l a n e 4 ~ 7 t d b s y t d b s y t d b s y t p r o g p r o g r a m c o n f i r m c o m m a n d ( t r u e ) 8 0 h 7 1 h 7 1 h r e a d m u l t i - p l a n e s t a t u s c o m m a n d , a 2 6 a 0 ~ a 7 & a 9 ~ a 2 6 5 2 8 b y t e d a t a a 0 ~ a 7 & a 9 ~ a 2 6 5 2 8 b y t e d a t a a 0 ~ a 7 & a 9 ~ a 2 6 5 2 8 b y t e d a t a
k9k1g08u0m-ycb0, K9K1G08U0M-YIB0 flash memory 22 multi-plane block erase operation into plane 0~3 or plane 4~7 block erase setup command erase confirm command read multi-plane statuscommand max. 4 times repeatable 60h a 9 ~ a 26 i/o 0 ~ 7 r/ b address 60h address 60h address 60h address d0h 71h t bers * for multi - plane erase operation, block address to be erased should be repeated before "d 0 h" command. ex.) four-plane block erase operation ce cle r/ b i/o 0 ~ 7 we ale re 60h a 17 ~ a 24 a 9 ~ a 16 doh 71h i/o 0 busy t wb t bers page(row) address t wc ? a 25, a 26
k9k1g08u0m-ycb0, K9K1G08U0M-YIB0 flash memory 23 read id operation ce cle i/o 0 ~ 7 we ale re 90h read id command maker code device code 00h ech 79h t rea address. 1cycle a5h c0h multi plane code id defintition table 90 id : access command = 90h value description 1 st byte 2 nd byte 3 rd byte 4 th byte ech 79h a5h c0h maker code device code must be don?t -cared supports multi plane operation
k9k1g08u0m-ycb0, K9K1G08U0M-YIB0 flash memory 24 copy-back program operation ce cle r/ b i/o 0 ~ 7 we ale re 00h 70h i/o 0 8ah a 0 ~a 7 a 17 ~a 24 a 9 ~a 16 column address page(row) address read status command i/o 0 =0 successful program i/o 0 =1 error in program t prog t wb t wc ? a 0 ~a 7 a 17 ~a 24 a 9 ~a 16 column address page(row) address busy t wb t r busy ? a 25, a 26 a 25, a 26 10h copy-back data input command
k9k1g08u0m-ycb0, K9K1G08U0M-YIB0 flash memory 25 device operation page read upon initial device power up, the device defaults to read1 mode. this operation is also initiated by writing 00h to the command reg- ister along with four address cycles. once the command is latched, it does not need to be written for the following page read op era- tion. three types of operations are available : random read, serial page read and sequential row read. the random read mode is enabled when the page address is changed. the 528 bytes of data within the selected page are trans- ferred to the data registers in less than 12 m s(t r ). the system controller can detect the completion of this data transfer(tr) by analyz- ing the output of r/ b pin. once the data in a page is loaded into the registers, they may be read out in 50ns cycle time by sequentially pulsing re . high to low transitions of the re clock output the data stating from the selected column address up to the last column address. after the data of last column address is clocked out, the next page is automatically selected for sequential row read. waiting 12 m s again allows reading the selected page. the sequential row read operation is terminated by bringing ce high. the way the read1 and read2 commands work is like a pointer set to either the main area or the spare area. the spare area of bytes 512 t o 527 may be selectively accessed by writing the read2 command. addresses a 0 to a 3 set the starting address of the spare area while addresses a 4 to a 7 are ignored. unless the operation is aborted, the page address is automatically incremented for sequential row read as in read1 operation and spare sixteen bytes of each page may be sequentially read. the read1 command(00h/01h) is needed to move the pointer back to the main area. figures 8 to 11 show typical sequence and timings for each read operation. figure 8. read1 operation start add.(4cycle) 00h a 0 ~ a 7 & a 9 ~ a 26 data output(sequential) (00h command) data field spare field ce cle ale r/ b we i/o 0 ~ 7 re t r * after data access on 2nd half array by 01h command, the start pointer is automatically moved to 1st half array (00h) at next cycle. (01h command)* data field spare field 1st half array 2st half array 1st half array 2st half array
k9k1g08u0m-ycb0, K9K1G08U0M-YIB0 flash memory 26 figure 9. read2 operation 50h a 0 ~ a 3 & a 9 ~ a 26 data output(sequential) spare field ce cle ale r/ b we data field spare field start add.(4cycle) (a 4 ~ a 7 : don t care) i/o 0 ~ 7 re figure 10. sequential row read1 operation 00h 01h a 0 ~ a 7 & a 9 ~ a 26 i/o 0 ~ 7 r/ b start add.(4cycle) data output data output data output 1st 2nd nth (528 byte) (528 byte) t r t r t r t r the sequential read 1 and 2 operation is allowed only within a block and after the last page of a block is read- out, the sequential read operation must be terminated by bringing ce high. when the page address moves onto the next block, read command and address must be given. ? 1st half array 2nd half array ( 00h command) data field spare field ( 01h command) data field spare field 1st half array 2nd half array 1st 2nd nth 1st half array 2nd half array 1st 2nd nth block
k9k1g08u0m-ycb0, K9K1G08U0M-YIB0 flash memory 27 figure 11. sequential row read2 operation page program the device is programmed basically on a page basis, but it does allow multiple partial page programing of a byte or consecutive bytes up to 528, in a single page program cycle. the number of consecutive partial page programming operation within the same page without an intervening erase operation must not exceed 1 for main array and 2 for spare array. the addressing may be done i n any random order in a block. a page program cycle consists of a serial data loading period in which up to 528 bytes of data may be loaded into the page register, followed by a non-volatile programming period where the loaded data is programmed into the approp ri- ate cell. serial data loading can be started from 2nd half array by moving pointer. about the pointer operation, please refer to the attached technical notes. the serial data loading period begins by inputting the serial data input command(80h), followed by the four cycle address input and then serial data loading. the bytes other than those to be programmed do not need to be loaded.the page program confirm com- mand(10h) initiates the programming process. writing 10h alone without previously entering the serial data will not initiate the pro- gramming process. the internal write state control automatically executes the algorithms and timings necessary for program and verify, thereby freeing the system controller for other tasks. once the program process starts, the read status register command may be entered, with re and ce low, to read the status register. the system controller can detect the completion of a program cycle by monitoring the r/ b output, or the status bit(i/o 6) of the status register. only the read status command and reset command are valid while programming is in progress. when the page program is complete, the write status bit(i/o 0) may be checked(figure 12). the internal write verify detects only errors for "1"s that are not successfully programmed to "0"s. the command register r emains in read status command mode until another valid command is written to the command register. 50h a 0 ~ a 3 & a 9 ~ a 26 i/o 0 ~ 7 r/ b start add.(4cycle) data output data output data output 2nd nth (16byte) (16byte) 1st figure 12. program & read status operation 80h a 0 ~ a 7 & a 9 ~ a 26 i/o 0 ~ 7 r/ b address & data input i/o 0 pass 528 byte data 10h 70h fail t r t r t r t prog ? data field spare field 1st block (a 4 ~ a 7 : don t care) nth
k9k1g08u0m-ycb0, K9K1G08U0M-YIB0 flash memory 28 figure 13. block erase operation block erase the erase operation is done on a block(16k byte) basis. block address loading is accomplished in three cycles initiated by an er ase setup command(60h). only address a 14 to a 26 is valid while a 9 to a 13 is ignored. the erase confirm command(d0h) following the block address loading initiates the internal erasing process. this two-step sequence of setup followed by execution command ensures that memory contents are not accidentally erased due to external noise conditions. at the rising edge of we after the erase confirm command input, the internal write controller handles erase and erase-verify. when the erase operation is completed, the write status bit(i/o 0) may be checked. figure 13 details the sequence. 60h block add. : a 14 ~ a 26 i/o 0 ~ 7 r/ b address input(3cycle) i/o 0 pass d0h 70h fail t bers multi-plane page program into plane 0~3 or plane 4~7 multi-plane page program is an extension of page program, which is executed for a single plane with 528 byte page registers. sin ce the device is equipped with eight memory planes, activating the four sets of 528 byte page registers into plane 0~3 or plane 4~7 enables a simultaneous programming of four pages. partial activation of four planes is also permitted. after writing the first set of data up to 528 byte into the selected page register, dummy page program command (11h) instead of actual page program (10h) is inputted to finish data-loading of the current plane and move to the next plane. since no programmi ng process is involved, r/ b remains in busy state for a short period of time(tdbsy). read status command (standard 70h or alternate 71h) may be issued to find out when the device returns to ready state by polling the ready/busy status bit(i/o 6). then the next set of data for one of the other planes is inputted with the same command and address sequences. after inputting data for the last p lane, actual true page program (10h) instead of dumy page program command (11h) must be followed to start the programming process. the operation of r/ b and read status is the same as that of page program. since maximum four pages into plane 0~3 or plane 4~7 are programmed simultaneously, pass/fail status is available for each page when the program operation completes. the extended status bits (i/o1 through i/o 4) are checked by inputting the read multi-plane status register. status bit of i/o 0 is set to "1 " when any of the pages fails. multi-plane page program with "01h" pointer is not supported, thus prohibited. figure 14. four-plane page program 80h 11h 80h 11h 80h 11h 80h 10h data input plane 0 plane 1 plane 2 plane 3 (1024 block) (1024 block) (1024 block) (1024 block) block 0 block 4 block 4092 block 4088 block 1 block 5 block 4093 block 4089 block 2 block 6 block 4094 block 4090 block 3 block 7 block 4095 block 4091 80h a 0 ~ a 7 & a 9 ~ a 26 i/o 0 ~ 7 r/ b 528 byte data address & data input 11h 80h address & data input 11h 80h address & data input 11h 80h address & data input 10h t dbsy t dbsy t dbsy t prog 71h a 0 ~ a 7 & a 9 ~ a 26 528 byte data a 0 ~ a 7 & a 9 ~ a 26 528 byte data a 0 ~ a 7 & a 9 ~ a 26 528 byte data
k9k1g08u0m-ycb0, K9K1G08U0M-YIB0 flash memory 29 restriction in addressing with multi plane page program while any block in each plane may be addressable for multi-plane page program, the five least significant addresses(a9-a13) for the selected pages at one operation must be the same. figure 15 shows an example where 2nd page of each addressed block is selected for four planes. however, any arbitrary sequence is allowed in addressing multiple planes as shown in figure16. 80h plane 2 11h 80h 11h 80h 11h 80h 10h plane 0 plane3 plane 1 plane 0 plane 1 plane 2 plane 3 (1024 block) (1024 block) (1024 block) (1024 block) page 0 page 1 page 31 page 30 block 0 page 0 page 1 page 31 page 30 block 1 page 0 page 1 page 31 page 30 block 2 page 0 page 1 page 31 page 30 block 3 figure 17. multi-plane page program & read status operation 80h a 0 ~ a 7 & a 9 ~ a 26 i/o 0 ~ 7 r/ b address & data input i/o pass 528 byte data 10h 71h fail t prog last plane input multi-plane block erase into plane 0~3 or plane 4~7 basic concept of multi-plane block erase operation is identical to that of multi-plane page program. up to four blocks, one from each plane can be simultaneously erased. standard block erase command sequences (block erase setup command followed by three address cycles) may be repeated up to four times for erasing up to four blocks. only one block should be selected from each plan e. the erase confirm command initiates the actual erasing process. the completion is detected by analyzing r/ b pin or ready/busy status (i/o 6). upon the erase completion, pass/fail status of each block is examined by reading extended pass/fail status(i/o 1 through i/o 4). figure 18. four block erase operation 60h a 0 ~ a 7 & a 9 ~ a 26 i/o 0 ~ 7 r/ b address 60h 60h 60h d0h 71h i/o pass fail t bers (3 cycle) address (3 cycle) address (3 cycle) address (3 cycle) figure 15. multi-plane program & read status operation figure 16. addressing multiple planes
k9k1g08u0m-ycb0, K9K1G08U0M-YIB0 flash memory 30 copy-back program figure 19. one page copy-back program operation 00h a 0 ~ a 7 & a 9 ~ a 26 i/o 0 ~ 7 r/ b add.(4cycles) i/o 0 pass 8ah 70h fail t prog a 0 ~ a 7 & a 9 ~ a 26 add.(4cycles) t r source address destination address the copy-back program is configured to quickly and efficiently rewrite data stored in one page within the plane to another page within the same plane without utilizing an external memory. since the time-consuming sequently-reading and its re-loading cycles are removed, the system performance is improved. the benefit is especially obvious when a portion of a block is updated and the rest of the block also need to be copied to the newly assigned free block. the operation for performing a copy-back program is a sequent ial execution of page-read without burst-reading cycle and copying-program with the address of destination page. a normal read opera - tion with "00h" command and the address of the source page moves the whole 528byte data into the internal buffer. as soon as the device returns to ready state, page-copy data-input command (8ah) with the address cycles of destination page followed may be written. the program confirm command (10h) is required to actually begin the programming operation. copy-back program opera- tion is allowed only within the same memory plane. once the copy-back program is finished, any additional partial page program- ming into the copied pages is prohibited before erase. a14 , a15 and a26 must be the same between source and target page. figure19 shows the command sequence for single plane operation. "when there is a program-failure at copy-back operation, error is reported by pass/fail status. but, if copy-back operations are accumulated over time, bit error due to charge loss is not checked by external error detection/correction scheme. for this reason, two bit error correction is recommended for the use of copy-back operation." 10h
k9k1g08u0m-ycb0, K9K1G08U0M-YIB0 flash memory 31 multi-plane copy-back program multi-plane copy-back program is an extension of one page copy-back program into four plane operation. since the device is equipped with four memory planes, activating the four sets of 528 byte page registers enables a simultaneous multi-plane copy- back programming of four pages. partial activation of four planes is also permitted. first, normal read operation with the "00h"command and address of the source page moves the whole 528 byte data into internal page buffers. any further read operation for transferring the addressed pages to the corresponding page register must be execute d with "03h" command instead of "00h" command. any plane may be selected without regard to "00h" or "03h". up to four planes may be addressed. data moved into the internal page registers are loaded into the destination plane addresses. after the input of co m- mand sequences for reading the source pages, the same procedure as multi-plane page programming except for a replacement address command with "8ah" is executed. since no programming process is involved during data loading at the destination plane address , r/ b remains in busy state for a short period of time(tdbsy). read status command (standard 70h or alternate 71h) may be issued to find out when the device returns to ready state by polling the ready/busy status bit(i/o 6). after inputting data f or the last plane, actual true page program (10h) instead of dummy page program command (11h) must be followed to start the program- ming process. the operation of r/ b and read status is the same as that of page program. since maximum four pages are pro- grammed simultaneously, pass/fail status is available for each page when the program operation completes. no pointer operation i s supported with multi-plane copy-back program. once the multi-plane copy-back program is finished, any additional partial page programming into the copied pages is prohibited before erase once the multi-plane copy-back program is finished. figure 20. four-plane copy-back program 8ah 11h 8ah 11h 8ah 11h 8ah 10h destination plane 0 plane 1 plane 2 plane 3 (1024 block) (1024 block) (1024 block) (1024 block) block 0 block 4 block 4092 block 4088 block 1 block 5 block 4093 block 4089 block 2 block 6 block 4094 block 4090 block 3 block 7 block 4095 block 4091 00h 03h 03h 03h source plane 0 plane 1 plane 2 plane 3 (1024 block) (1024 block) (1024 block) (1024 block) block 4 block 4092 block 4088 block 4093 block 2 block 6 block 4094 block 4090 block 3 block 7 block 4095 block 4091 address address input input block 0 block 4089 block 4089 block 1 block 5 max three times repeatable max three times repeatable
k9k1g08u0m-ycb0, K9K1G08U0M-YIB0 flash memory 32 0 0 h a 0 ~ a 7 & a 9 ~ a 2 5 i / o 0 ~ 7 r / b s o u r c e a d d r e s s a d d . ( 4 c y c . ) 0 3 h f i g 2 1 . f o u r - p l a n e c o p y - b a c k p a g e p r o g r a m ( c o n t i n u e d ) t r t d b s y a 0 ~ a 7 & a 9 ~ a 2 5 d e s t i n a t i o n a d d r e s s a d d . ( 4 c y c . ) 1 1 h 7 1 h a 0 ~ a 7 & a 9 ~ a 2 5 s o u r c e a d d r e s s a d d . ( 4 c y c . ) 8 a h 0 3 h a 0 ~ a 7 & a 9 ~ a 2 5 s o u r c e a d d r e s s a d d . ( 4 c y c . ) ? ? a 0 ~ a 7 & a 9 ~ a 2 5 d e s t i n a t i o n a d d r e s s a d d . ( 4 c y c . ) 1 1 h 8 a h a 0 ~ a 7 & a 9 ~ a 2 5 d e s t i n a t i o n a d d r e s s a d d . ( 4 c y c . ) 1 0 h 8 a h t r t p r o g t d b s y m a x . 4 t i m e s ( 4 c y c l e s o u r c e a d d r e s s i n p u t ) r e p e a t a b l e m a x . 4 t i m e s ( 4 c y c l e d e s t i n a t i o n a d d r e s s i n p u t ) r e p e a t a b l e t r : n o r m a l r e a d b u s y t d b s y : t y p i c a l 1 u s , m a x 1 0 u s ? ? ? ? t r
k9k1g08u0m-ycb0, K9K1G08U0M-YIB0 flash memory 33 read status the device contains a status register which may be read to find out whether program or erase operation is completed, and whether the program or erase operation is completed successfully. after writing 70h command to the command register, a read cycle output s the content of the status register to the i/o pins on the falling edge of ce or re , whichever occurs last. this two line control allows the system to poll the progress of each device in multiple memory connections even when r/ b pins are common-wired. re or ce does not need to be toggled for updated status. refer to table 4 for specific status register definitions. the command register remains in status read mode until further commands are issued to it. therefore, if the status register is read during a random r ead cycle, a read command(00h or 50h) should be given before sequential page read cycle. for read status of multi plane program/erase, the read multi-plane status command(71h) should be used to find out whether multi-plane program or erase operation is completed, and whether the program or erase operation is completed successfully. the pass/fail status data must be checked only in the ready condition after the completion of multi-plane program or erase operation . table4. read staus register definition i/o no. status definition by 70h command definition by 71h command i/o 0 total pass/fail pass : "0" fail : "1" pass : "0" (1) fail : "1" i/o 1 plane 0 pass/fail must be don?t -cared pass : "0" (2) fail : "1" i/o 2 plane 1 pass/fail must be don?t -cared pass : "0" (2) fail : "1" i/o 3 plane 2 pass/fail must be don?t -cared pass : "0" (2) fail : "1" i/o 4 plane 3 pass/fail must be don?t -cared pass : "0" (2) fail : "1" i/o 5 reserved must be don?t -cared must be don?t-cared i/o 6 device operation busy : "0" ready : "1" busy : "0" ready : "1" i/o 7 write protect protected : "0" not protected : "1" protected : "0" not protected : "1" note : 1. i/o 0 describes combined pass/fail condition for all planes. if any of the selected multiple pages/blocks fails in program/ erase operation, it sets "fail" flag. 2. the pass/fail status applies only to the corresponding plane. figure 22. read id operation 1 ce cle i/o 0 ~ 7 ale re we 90h 00h ech address. 1cycle maker code device code t cea t ar1 t rea read id the device contains a product identification mode, initiated by writing 90h to the command register, followed by an address inpu t of 00h. four read cycles sequentially output the manufacture code(ech), and the device code (79h), reserved(a5h), multi plane oper- ation code(c0h) respectively. a5h must be don?t-cared. c0h means that device supports multi plane operation. the command regis- ter remains in read id mode until further commands are issued to it. figure 22 shows the operation sequence. 79h a5h c0h multi-plane code t whr t clr
k9k1g08u0m-ycb0, K9K1G08U0M-YIB0 flash memory 34 figure 23. reset operation reset the device offers a reset feature, executed by writing ffh to the command register. when the device is in busy state during rand om read, program or erase mode, the reset operation will abort these operations. the contents of memory cells being altered are no longer valid, as the data will be partially programmed or erased. the command register is cleared to wait for the next command, and the status register is cleared to value c0h when wp is high. refer to table 5 for device status after reset operation. if the device is already in reset state a new reset command will not be accepted by the command register. the r/ b pin transitions to low for trst after the reset command is written. refer to figure 23 below. after power-up after reset operation mode read 1 waiting for next command ffh i/o 0 ~ 7 r/ b table5. device status t rst
k9k1g08u0m-ycb0, K9K1G08U0M-YIB0 flash memory 35 ready/ busy the device has a r/ b output that provides a hardware method of indicating the completion of a page program, erase and random read completion. the r/ b pin is normally high but transitions to low after program or erase command is written to the command reg- ister or random read is started after address loading. it returns to high when the internal controller has finished the operatio n. the pin is an open-drain driver thereby allowing two or more r/ b outputs to be or-tied. because pull-up resistor value is related to tr(r/ b ) and current drain during busy(ibusy) , an appropriate value can be obtained with the following reference chart(fig 24). its val ue can be determined by the following guidance. v cc r/ b open drain output device gnd where i l is the sum of the input currents of all devices tied to the r/ b pin. rp t r , t f [ s ] i b u s y [ a ] rp(ohm) fig 24 rp vs tr ,tf & rp vs ibusy ibusy tr rp value guidance rp(max) is determined by maximum permissible limit of tr ibusy rp(min) = v cc (max.) - v ol (max.) i ol + s i l = 3.2v 8ma + s i l busy ready vcc @ vcc = 3.3v, ta = 25 c , c l = 100pf 2.0v tf tr 1k 2k 3k 4k 100n 200n 300n 3m 2m 1m 96 tf 189 290 381 4.2 4.2 4.2 4.2 3.3 1.65 1.1 0.825 0.8v
k9k1g08u0m-ycb0, K9K1G08U0M-YIB0 flash memory 36 data protection the device is designed to offer protection from any involuntary program/erase during power-transitions. an internal voltage dete ctor disables all functions whenever vcc is below about 2v. wp pin provides hardware protection and is recommended to be kept at v il during power-up and power-down. a recovery time of minimum 10 m s is required before internal circuit gets ready for any command sequences as shown in figure 25. the two step command sequence for program/erase provides additional software protection. figure 25. ac waveforms for power transition v cc wp high ? ? 2.5v 2.5v we 10 m s ? ?
package dimensions 37 flash memory package dimensions 48-pin lead plastic thin small out-line package type(i) 48 - tsop1 - 1220f unit :mm/inch 0.787 0.008 20.00 0.20 #1 #24 0 . 2 0 + 0 . 0 7 - 0 . 0 3 0 . 0 0 8 + 0 . 0 0 3 - 0 . 0 0 1 0 . 5 0 0 . 0 1 9 7 #48 #25 0 . 4 8 8 1 2 . 4 0 m a x 1 2 . 0 0 0 . 4 7 2 0 . 1 0 0 . 0 0 4 m a x 0 . 2 5 0 . 0 1 0 ( ) 0.039 0.002 1.00 0.05 0.002 0.05 min 0.047 1.20 max 0.45~0.75 0.018~0.030 0.724 0.004 18.40 0.10 0~8 ?? 0 . 0 1 0 0 . 2 5 t y p 0 . 1 2 5 + 0 . 0 7 5 0 . 0 3 5 0 . 0 0 5 + 0 . 0 0 3 - 0 . 0 0 1 0.50 0.020 ( )


▲Up To Search▲   

 
Price & Availability of K9K1G08U0M-YIB0

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X